PART |
Description |
Maker |
GN809 GN809-46 GN809-23 GN809-20 GN809-29 |
UPROCESSOR SUPERVISORY P r o c e s s o r S u p e r v i s o r y
|
GTM CORPORATION E-Tech Electronics LTD
|
MAX6316LUK46CZ |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
MAXIM - Dallas Semiconductor
|
MAX6864UK16D1S MAX6864UK16D1ST MAX6864UK31D1S MAX6 |
Nanopower µP Supervisory Circuits with Manual Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor
|
ADP5043 |
Micro-PMU with 0.8 A Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
|
Analog Devices
|
ADP5042 |
Micro PMU with 0.8 A Buck, Two 300 mA LDOs, Supervisory, Watchdog and Manual Reset
|
Analog Devices
|
ADP5042 |
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
|
Analog Devices
|
24S3.6XT-HS 48S3.7XT-HS 48S3.7XT-I 24S12.4XT-HS 48 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Networked Micro Evaluation Board iButton Retainer 1-OUTPUT 45 W DC-DC REG PWR SUPPLY MODULE Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 模拟IC Analog IC 模拟IC
|
Coilcraft, Inc. Conxall, Corp. Intel, Corp. Rubycon, Corp.
|
1PK-501A 1PK-501C 1PK-501B 1PK-501D 1PK-501E |
PLIERS MICRO CUTTING 90MM PLIERS MICRO BENT NOSE 100MM PLIERS MICRO FLAT NOSE 100MM PLIERS MICRO ROUND NOSE 100MM PLIERS MICRO LONG NOSE 100MM 钳微大鼻00万亿
|
Kingbright, Corp.
|
ADM1818-10AKS-REEL ADM1818-20AKS-REEL ADM1818-10AK |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output
|
Analog Devices
|
2-794622-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY,R/A,SMT ( AMP )
|
Tyco Electronics
|